PART |
Description |
Maker |
AQY410EH AQY414EHAZ AQY410EHA AQY410EHAX AQY410EHA |
PhotoMOS relay, GU (general use)-E type, 1-channel (form B). AC/DC type. I/O isolastion reinforced 5,000V. Output rating: load voltage 400 V, load current 120 mA. GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E通道(表B针型 GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E1通道(表B针型
|
Matsushita Electric Works(Nais) NASI NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp. Electronic Theatre Controls, Inc.
|
DRT107V040F048A DRT117V040F052 DRT127V040F056A DRD |
CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5340 MHz - 5740 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 4890 MHz - 5340 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 4480 MHz - 4890 MHz DISC TYPE DIELECTRIC RESONATOR, 3440 MHz - 3740 MHz DISC TYPE DIELECTRIC RESONATOR, 4060 MHz - 4420 MHz DISC TYPE DIELECTRIC RESONATOR, 6170 MHz - 6710 MHz DISC TYPE DIELECTRIC RESONATOR, 5220 MHz - 5680 MHz DISC TYPE DIELECTRIC RESONATOR, 7300 MHz - 7930 MHz DISC TYPE DIELECTRIC RESONATOR, 7930 MHz - 8640 MHz DISC TYPE DIELECTRIC RESONATOR, 6710 MHz - 7300 MHz DISC TYPE DIELECTRIC RESONATOR, 2910 MHz - 3160 MHz DISC TYPE DIELECTRIC RESONATOR, 4420 MHz - 4800 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 3450 MHz - 3760 MHz DISC TYPE DIELECTRIC RESONATOR, 3160 MHz - 3440 MHz DISC TYPE DIELECTRIC RESONATOR, 11100 MHz - 12070 MHz
|
MURATA MANUFACTURING CO LTD
|
T912-B5K-001-05 T912-B5K-001-10 T912-B5K-002-02 T9 |
Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 100 EURO TYPE C PIN BL ASSY ( AMP ) Precision Resistor Network 精密电阻网络
|
Rhopoint Components Ltd. Rhopoint Components, Ltd.
|
341409N00 341109N02 341410N03 337110N03 331110N03 |
Thumbwheel Switches 指轮开 Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 032 EURO TYPE C RECEPT ST ASSY ( AMP ) 指轮开
|
ITT, Corp.
|
AQW224NA |
PhotoMOS relay, FR (radio frequency) type, [2-channel (form A) type] low on resistance. AC/DC type. Output rating: load voltage 400 V, load current 40 mA. surface-mount terminal, tube packing style.
|
Matsushita Electric Works(Nais)
|
MX23L1611 MX23L1611MC-10 MX23L1611MC-12 MX23L1611T |
CONNECTOR, MINIUSB, TYPE B, PANEL MNT; Connector type:USB; Gender:Socket; Ways, No. of:4; Plating, contact:Gold; Series:BUCCANEER; Mounting type:Rear 3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
|
Macronix International Co., Ltd.
|
TG25D TG25E TG25C TG25C60 |
TO-3 BASE ISOLATED TYPE TRIACS TRIACISOLATED TYPE TRIAC(ISOLATED TYPE
|
SanRex List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
DSS9NT31H223Q55B DST9NC52A271 DST9NC52A222 DSN9NC5 |
Leaded EMIFIL (Three-terminal Capacitor type) Standard Type Leaded EMIFILr (Three-terminal Capacitor type) Standard Type DSN9N/DST9N Series
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|
M701-340542 |
MINI USB B TYPE FEMALE TYPE R/A SMD TYPE 5 PINS
|
Harwin Plc
|
SLI-580YT SLI-580 SLI-580DT SLI-580UT |
High Brightness Type 5.0 Circular Type LED Lamps Type 2 1/2:12 High Brightness Type 5.0 Circular Type LED Lamps
|
Rohm CO.,LTD. ROHM[Rohm]
|
687860006 |
HDMI Type D-to-Type A Cable Assembly, CAT 2, AWG 36, 1.5m (4.92), Lead free
|
Molex Electronics Ltd.
|
SLC-22YY SLC-22 SLC-22DU SLC-22MG SLC-22VR |
Standard Type 2.0 Cylinder Type LED Lamps Small cylindrical LEDs (.0 mm)
|
ROHM[Rohm] Rohm CO.,LTD.
|